Part Number Hot Search : 
OV7411P 5262B 4920M KP120 TC74AC TFHD6 56F80 GBPC50
Product Description
Full Text Search
 

To Download SINK-C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com 166 b60/c60 series heat sink system ohmite introduces the powerful b60/ c60 series heatsink with cam clip (pat. pending) or custom mounting. this series offers flexible, high performance and compact heat sink with exchange - able cam clip system for to-247 and to-264 devices. the built in lip is pro - vided for mounting ease. the optional b series can be tapped for popular ohmite resistors or other devices. these power - ful heat sinks can be thru-hole soldered as a single or dual unit. the dual unit can be mated to a 60mm fan for greater thermal performance. it is the ideal type of heat sink for high power density and small size (3u or 4u) electronic packag - ing with forced convection. characteristics heat sink aluminum alloy 6063-t5 or equivalent with either degreased or black anodized finish. spring clip music wire, per astm a228 with bright nickel plating solder foot cold-rolled steel, per astm a-366 with pure tin over copper strike. rohs compliant. fan 60mm fan with 4 self-tapping m3.5 screws interface thermal resistance for improvement, use thermal joint compound, 0.005 grafoil (tgon 800 by laird), or phase change material (hi-flow by bergquist) insulator (optional) sil-pad 900-s, k6 800-s and k10 by bergquist heatsink surface area weight length l part number (in 2 / mm 2 ) (oz / g) (mm) c60-075-ve 177 / 114,300 5.7 / 163 75 c60-075-ae b60-075-ve 177 / 114,300 5.7 / 163 75 b60-075-ae serie s specific ations consult factory for alternate lengths and clip combinations fan flow rate (cfm) 30 40 50 20 thermal resistance from case to ambient per device (oc/watts) 0 1.5 2 1 0.5 2 devices 4 devices heat dissipation (continued)
1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com 167 dimensions ho w to order b60/c60 series heat sink system 0.079" (2mm) 0.12" (3mm) 0.08" (2mm) 0.17" (4.3mm) 1.19"* (30.2mm) 1.97"* (50mm) 0.16" (3.9mm) 0.31" (8mm) 0.47" (12mm) 1.61 (41mm) 2.48" (63mm) 2.58" (65.5mm) 2.95" (75.0mm) 1.97" (50mm) 2.79" (71.0mm) 2x 0.079" (2mm) 0.049" (1.25mm) 0.12" (3mm) 0.32" (8.1mm) 2.95" 75.0mm 1.61" (41mm) 2.63" (66.7mm) 2.53" (64.2mm) 2.07" (52.7mm) 0.17" (4.3mm) 0.080" (2.03mm) 2.78" ref (70.7mm) 2.74" ref (69.5mm) land pattern 2x ? 0.11" pth (2.8mm) 6x ? 0.07" pth (1.8mm) 2x 0.08" (2.0mm) 0.18" (4.06mm) l ? 0.16" (0.16mm) clip dimensions c60 b60 0.43" (11mm) w +0.12" (+3.0mm) w 0.78" (19.8mm) 1.39" ref (35.3mm) "w" t247 0.63" (16.1mm) t264 0.80" (20.2mm) l x y note: due to pos - sible screw torquing on long extrusions, customer should check for coplanarity prior to final assem - bly or soldering. c60xx-058-ae series b = without lip c = with lip length (mm) hole pattern (optional) finish a = black anodized v = degreased rohs compliant clip series device type t247 = to-247 t264 = to-264 standard configuration rohs compliant cla-t247-21e heatsink clip


▲Up To Search▲   

 
Price & Availability of SINK-C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X